PART |
Description |
Maker |
EPA18910 EPA189-14 EPA189-100 EPA189-12 EPA189-125 |
14 Pin DIL Triple TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, DIP8
|
PCA ELECTRONICS INC.
|
EPA245-400 EPA245-550 EPA245-100 EPA245-1000 EPA24 |
SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
|
PCA ELECTRONICS INC.
|
EPA770-60 EPA770-300 EPA770-100 EPA770-12 EPA770-1 |
8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
|
PCA ELECTRONICS INC. http://
|
RASCOPLUS5 RASCOPLUS5E RASCOPLUS5SEM RASCOPLUSE RA |
CRYSTAL OSCILLATOR, CLOCK, 1.25 MHz, CMOS/TTL OUTPUT 5V Crystal Clock Oscillators 4-pin Package, Compatible with 14-pin DIL
|
ETC MTRONPTI[MTRONPTI] List of Unclassifed Manufacturers
|
EP9981 |
14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
|
PCA ELECTRONICS
|
EPA1220HL-50 EPA1220HL-500 EPA1220HL-550 EPA1220HL |
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines 14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
|
PCA ELECTRONICS INC.
|
EPA2398-900 EPA2398-950 EPA2398-300 EPA2398-40 EPA |
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, DSO8
|
PCA ELECTRONICS INC.
|
EP9810-470 EP9810-470-RC EP9810-100 EP9810-100-RC |
ACTIVE DELAY LINE, TRUE OUTPUT, DIP8 14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|